Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 886 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 886 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 885Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 886Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 887Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 888Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 889Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 890Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 854 of 1468
REJ09B0412-0200
17.5
Usage Notes
17.5.1
Changing Values of Bits EXCKSN, CKS1, and CKS0
If bits EXCKSN, CKS1, and CKS0 in TCR32K are written to while the TM32K is operating,
errors could occur in the incrementation. The TM32K must be stopped (the TME bit is set to 0)
before the values of bits EXCKSN, CKS1, and CKS0 are changed.
Note that when the EXCKSN bit is 0, the CKS1 bit can be changed even though the TME bit is 1
(see section 17.3.3, EXCKSN=0 Operation).
17.5.2
Note on Register Initialization
TCR32K, TCNT32K1, TCNT32K2, and TCNT32K3 of the 32K timer are initialized in hardware
standby mode or in the pin reset state. A reset from the watchdog timer or deep-software-standby
reset does not initialize these registers.
17.5.3
Usage Notes on 32K Timer
• The 32K timer does not operate when the OSC32STP bit is set to 1. Always set the
OSC32STP bit to 0 when starting the 32K timer.
• When the OSC32STP bit has been changed from 1 to 0, allow enough time to ensure settling
of the oscillation by the subclock oscillator.
• Before stopping the TM32K, clear the TME bit to 0 for one clock (30 µs) or longer by the 32
subclock.
• When switching between subclock and main clock operation, wait for 500 µs or more (until
the timer counter is updated next time) before reading the timer counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com