Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 882 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 882 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 882Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 883Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 884Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 885Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 886Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 850 of 1468
REJ09B0412-0200
17.3.2
EXCKSN=1 Operation
When the EXCKSN bit in TCR32K is 1, the timer counter operates as an 8-bit counter.
Every time the value in TCNT32K1 reaches H'FF, a 32KOVI interrupt is generated. By setting the
CKS1 and CKS0 bits in TCR32K, intervals of 250ms, 500ms, 1s, and 2s between interrupts are
selectable.
H'FF
H'00
32KOVI
Time
32KOVI
32KOVI
32KOVI
32KOVI: 32K timer interrupt
32KOVI
Overflow
TCNT32K value
3 clocks of 32K
φ
Overflow
Overflow
Overflow
TME = 1
Figure 17.2 EXCKSN = 1 32K Timer Operation
17.3.3
EXCKSN=0 Operation
When the EXCKSN bit in TCR32K is 0, the timer counter operates as a 24-bit counter. The lower-
order 8-bits are TCNT32K3, which operates as a free-running up-counter that counts from H'00 to
H'3B. The higher-order 16-bits in TCNT32K1 and TCNT32K2 act as an up-counter that counts
the number of times TCNT32K3=H'3B. Generation of the 32KOVI interrupt either for all values
with TCNT32K3=H'3B or when TCNT32K1 to TCNT32K3=H'FFFF3B can be selected by the
setting of the CKS1 bit. This setting in combination with the setting of the CKS0 bit can be used
to se the interrupt interval to 30s, 60s. approx. 22.7 days, or approx. 45.5 days
When the EXCKSN bit is 0, the CKS1 bit can be changed while the timer counter is operating
because the TME bit is 1. This allows variation of the 32KOV1 interrupt interval while the timer
counter is in operation. When the value of the CKS1 bit is from 0 to 1, the higher-order 16-bit
counter (TCNT32K1, TCNT32K2) resumes counting after being initialized to H'00_00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com