Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 878 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 878 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 874Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 875Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 876Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 877Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 878Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 879Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 880Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 881Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 882Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 878 / 1504 page
background image
Section 17 32K Timer (TM32K)
Rev. 2.00 Sep. 24, 2008 Page 846 of 1468
REJ09B0412-0200
17.2
Register Descriptions
The TM32K has the following registers.
• Timer control register (TCR32K)
• Timer counter (TCNT32K1, TCNT32K2, TCNT32K3)
17.2.1
Timer Control Register (TCR32K)
TCR32K enables the timer, stops the subclock oscillator, and selects the clock source to be input
to TCNT32K. Change values of the bits when TME=0.
Bit
BIt Name
Initial Value
R/W
7
EXCKSN
1
R/W
6
1
R
5
TME
0
R/W
4
1
R
3
1
R
2
OSC32STP
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
1
0
EXCKSN
CKS1
CKS0
1
0
0
R/W
R/W
R/W
Extended Clock Select and Clock Select 1, 0
These bits select the internally divided clock source to be
input to TCNT32K. The interrupt cycle for SUBCK =
32.768 kHz is indicated in parentheses.
When EXCKSN = 1:
00: Clock SUBCK/32 (cycle: 250 ms)
01: Clock SUBCK/64 (cycle: 500 ms)
10: Clock SUBCK/128 (cycle: 1 s)
11: Clock SUBCK/256 (cycle: 2 s)
When EXCKSN = 0:
00: Clock SUBCK/16384 (cycle: 30 s)
01: Clock SUBCK/32768 (cycle: 60 s)
10: Clock SUBCK/16384 (cycle: approx. 22.7 days)
11: Clock SUBCK/32768 (cycle: approx. 45.5 days)
6
1
R
Reserved
This bit is always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com