Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1318 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1318 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1314Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1315Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1316Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1317Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1318Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1319Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1320Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1321Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1322Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1318 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1286 of 1468
REJ09B0412-0200
28.12.6
Control of Input Buffers by DIRQnE (n = 3 to 0)
When the input buffers for the P10/
IRQ0-A to P13/IRQ3-A pins are enabled by setting the
DIRQnE bits (n = 3 to 0) in DSPIER to 1, the PnICR settings corresponding to these pins are
invalid. Therefore, note that external inputs to these pins, of which states are reflected on the
DIRQnF bits, are also input to the interrupt controller, peripheral modules and I/O ports, after the
DIRQnE bits (n = 3 to 0) are set to 1.
28.12.7
Conflict between a transition to deep standby mode and interrupts
If a conflict among the transition to deep software standby mode and generation of software
standby mode clearing source occurs, a transition to deep software standby mode is not made but
the software standby mode clearing sequence is executed. In this case, an interrupt exception
handling for the input interrupt starts after the oscillation settling time for software standby mode
(set by the STS4 to STS0 bits in SBYCR) has elapsed.
Note that if a conflict between a deep software standby mode transition and NMI interrupt occurs,
the NMI interrupt exception handling routine is required.
If a conflict among a deep software standby mode transition, the IRQ0 to IRQ11 interrupts, 32K
timer interrupt, and voltage-monitoring interrupt* occurs, a transition to deep software standby
mode can be made without executing the interrupt execution handling by clearing the SSIn bits in
SSIER to 0 beforehand.
Note: * Supported only by the H8SX/1668M Group
28.12.8
B
φ/SDRAMφ Output State
B
φ/SDRAMφ output is undefined for a maximum of one cycle immediately after deep software
standby mode is canceled with the IOKEEP bit cleared to 0 or immediately after the IOKEEP bit
is cleared after cancellation of deep software standby mode with the IOKEEP bit set to 1.
However, B
φ/SDRAMφ can be normally output by setting the IOKEEP, PSTOP1, and PSTP0 bits
to 1. For details, see section 28.8.4, B
φ/SDRAMφ Operation after Exit from Deep Software
Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com