Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1321 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1321 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1317Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1318Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1319Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1320Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1321Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1322Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1323Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1324Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1321 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1289 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
A/D data register C_1
ADDRC_1
16
H'FEA84
A/D_1
16
3P
φ/3Pφ
A/D data register D_1
ADDRD_1
16
H'FEA86
A/D_1
16
3P
φ/3Pφ
A/D data register E_1
ADDRE_1
16
H'FEA90
A/D_1
16
3P
φ/3Pφ
A/D data register F_1
ADDRF_1
16
H'FEA92
A/D_1
16
3P
φ/3Pφ
A/D data register G_1
ADDRG_1
16
H'FEA94
A/D_1
16
3P
φ/3Pφ
A/D data register H_1
ADDRH_1
16
H'FEA96
A/D_1
16
3P
φ/3Pφ
A/D control/status register_1
ADCSR_1
8
H'FEAA0
A/D_1
16
3P
φ/3Pφ
A/D control register_1
ADCR_1
8
H'FEAA1
A/D_1
16
3P
φ/3Pφ
Interrupt flag register 0
IFR0
8
H'FEE00
USB
8
3P
φ/3Pφ
Interrupt flag register 1
IFR1
8
H'FEE01
USB
8
3P
φ/3Pφ
Interrupt flag register 2
IFR2
8
H'FEE02
USB
8
3P
φ/3Pφ
Interrupt enable register 0
IER0
8
H'FEE04
USB
8
3P
φ/3Pφ
Interrupt enable register 1
IER1
8
H'FEE05
USB
8
3P
φ/3Pφ
Interrupt enable register 2
IER2
8
H'FEE06
USB
8
3P
φ/3Pφ
Interrupt select register 0
ISR0
8
H'FEE08
USB
8
3P
φ/3Pφ
Interrupt select register 1
ISR1
8
H'FEE09
USB
8
3P
φ/3Pφ
Interrupt select register 2
ISR2
8
H'FEE0A
USB
8
3P
φ/3Pφ
EP0i data register
EPDR0i
8
H'FEE0C
USB
8
3P
φ/3Pφ
EP0o data register
EPDR0o
8
H'FEE0D
USB
8
3P
φ/3Pφ
EP0s data register
EPDR0s
8
H'FEE0E
USB
8
3P
φ/3Pφ
EP1 data register
EPDR1
8
H'FEE10
USB
8
3P
φ/3Pφ
EP2 data register
EPDR2
8
H'FEE14
USB
8
3P
φ/3Pφ
EP3 data register
EPDR3
8
H'FEE18
USB
8
3P
φ/3Pφ
EP0o receive data size register
EPSZ0o
8
H'FEE24
USB
8
3P
φ/3Pφ
EP1 receive data size register
EPSZ1
8
H'FEE25
USB
8
3P
φ/3Pφ
Data status register
DASTS
8
H'FEE27
USB
8
3P
φ/3Pφ
FIFO clear register
FCLR
8
H'FEE28
USB
8
3P
φ/3Pφ
End point store register
EPSTL
8
H'FEE2A
USB
8
3P
φ/3Pφ
Trigger register
TRG
8
H'FEE2C
USB
8
3P
φ/3Pφ
DMA transfer setting register
DMA
8
H'FEE2D
USB
8
3P
φ/3Pφ
Configuration value register
CVR
8
H'FEE2E
USB
8
3P
φ/3Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com