Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1325 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1325 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1321Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1322Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1323Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1324Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1325Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1326Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1327Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1328Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1325 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1293 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Timer status register_9
TSR_9
8
H'FFB45
TPU_9
16
2P
φ/2Pφ
Timer counter_9
TCNT_9
16
H'FFB46
TPU_9
16
2P
φ/2Pφ
Timer general register A_9
TGRA_9
16
H'FFB48
TPU_9
16
2P
φ/2Pφ
Timer general register B_9
TGRB_9
16
H'FFB4A
TPU_9
16
2P
φ/2Pφ
Timer general register C_9
TGRC_9
16
H'FFB4C
TPU_9
16
2P
φ/2Pφ
Timer general register D_9
TGRD_9
16
H'FFB4E
TPU_9
16
2P
φ/2Pφ
Timer control register_10
TCR_10
8
H'FFB50
TPU_10
16
2P
φ/2Pφ
Timer mode register_10
TMDR_10
8
H'FFB51
TPU_10
16
2P
φ/2Pφ
Timer I/O control register_10
TIOR_10
8
H'FFB52
TPU_10
16
2P
φ/2Pφ
Timer interrupt enable register_10
TIER_10
8
H'FFB54
TPU_10
16
2P
φ/2Pφ
Timer status register_10
TSR_10
8
H'FFB55
TPU_10
16
2P
φ/2Pφ
Timer counter_10
TCNT_10
16
H'FFB56
TPU_10
16
2P
φ/2Pφ
Timer general register A_10
TGRA_10
16
H'FFB58
TPU_10
16
2P
φ/2Pφ
Timer general register B_10
TGRB_10
16
H'FFB5A
TPU_10
16
2P
φ/2Pφ
Timer control register_11
TCR_11
8
H'FFB60
TPU_11
16
2P
φ/2Pφ
Timer mode register_11
TMDR_11
8
H'FFB61
TPU_11
16
2P
φ/2Pφ
Timer I/O control register_11
TIOR_11
8
H'FFB62
TPU_11
16
2P
φ/2Pφ
Timer interrupt enable register_11
TIER_11
8
H'FFB64
TPU_11
16
2P
φ/2Pφ
Timer status register_11
TSR_11
8
H'FFB65
TPU_11
16
2P
φ/2Pφ
Timer counter_11
TCNT_11
16
H'FFB66
TPU_11
16
2P
φ/2Pφ
Timer general register A_11
TGRA_11
16
H'FFB68
TPU_11
16
2P
φ/2Pφ
Timer general register B_11
TGRB_11
16
H'FFB6A
TPU_11
16
2P
φ/2Pφ
Port 1 data direction register
P1DDR
8
H'FFB80
I/O port
8
2P
φ/2Pφ
Port 2 data direction register
P2DDR
8
H'FFB81
I/O port
8
2P
φ/2Pφ
Port 3 data direction register
P3DDR
8
H'FFB82
I/O port
8
2P
φ/2Pφ
Port 6 data direction register
P6DDR
8
H'FFB85
I/O port
8
2P
φ/2Pφ
Port A data direction register
PADDR
8
H'FFB89
I/O port
8
2P
φ/2Pφ
Port B data direction register
PBDDR
8
H'FFB8A
I/O port
8
2P
φ/2Pφ
Port C data direction register
PCDDR
8
H'FFB8B
I/O port
8
2P
φ/2Pφ
Port D data direction register
PDDDR
8
H'FFB8C
I/O port
8
2P
φ/2Pφ
Port E data direction register
PEDDR
8
H'FFB8D
I/O port
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com