Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1322 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1322 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1318Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1319Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1320Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1321Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1322Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1323Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1324Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1325Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1322 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1290 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Control register
CTLR
8
H'FEE2F
USB
8
3P
φ/3Pφ
End point information register
EPIR
8
H'FEE32
USB
8
3P
φ/3Pφ
Transceiver test register 0
TRNTREG0
8
H'FEE44
USB
8
3P
φ/3Pφ
Transceiver test register 1
TRNTREG1
8
H'FEE45
USB
8
3P
φ/3Pφ
Port M data direction register
PMDDR
8
H'FEE50
I/O port
8
3P
φ/3Pφ
Port M data register
PMDR
8
H'FEE51
I/O port
8
3P
φ/3Pφ
Port M register
PORTM
8
H'FEE52
I/O port
8
3P
φ/3Pφ
Port M input buffer control register
PMICR
8
H'FEE53
I/O port
8
3P
φ/3Pφ
Serial mode register_5
SMR_5
8
H'FF600
SCI_5
8
3P
φ/3Pφ
Bit rate register_5
BRR_5
8
H'FF601
SCI_5
8
3P
φ/3Pφ
Serial control register_5
SCR_5
8
H'FF602
SCI_5
8
3P
φ/3Pφ
Transmit data register_5
TDR_5
8
H'FF603
SCI_5
8
3P
φ/3Pφ
Serial status register_5
SSR_5
8
H'FF604
SCI_5
8
3P
φ/3Pφ
Receive data register_5
RDR_5
8
H'FF605
SCI_5
8
3P
φ/3Pφ
Smart card mode register_5
SCMR_5
8
H'FF606
SCI_5
8
3P
φ/3Pφ
Serial extended mode register_5
SEMR_5
8
H'FF608
SCI_5
8
3P
φ/3Pφ
IrDA control register
IrCR
8
H'FF60C
SCI_5
8
3P
φ/3Pφ
Serial mode register_6
SMR_6
8
H'FF610
SCI_6
8
3P
φ/3Pφ
Bit rate register_6
BRR_6
8
H'FF611
SCI_6
8
3P
φ/3Pφ
Serial control register_6
SCR_6
8
H'FF612
SCI_6
8
3P
φ/3Pφ
Transmit data register_6
TDR_6
8
H'FF613
SCI_6
8
3P
φ/3Pφ
Serial status register_6
SSR_6
8
H'FF614
SCI_6
8
3P
φ/3Pφ
Receive data register_6
RDR_6
8
H'FF615
SCI_6
8
3P
φ/3Pφ
Smart card mode register_6
SCMR_6
8
H'FF616
SCI_6
8
3P
φ/3Pφ
Serial extended mode register_6
SEMR_6
8
H'FF618
SCI_6
8
3P
φ/3Pφ
PPG output control register_1
PCR_1
8
H'FF636
PPG_1
8
3P
φ/3Pφ
PPG output mode register_1
PMR_1
8
H'FF637
PPG_1
8
3P
φ/3Pφ
Next data enable register H_1
NDERH_1
8
H'FF638
PPG_1
8
3P
φ/3Pφ
Next data enable register L_1
NDERL_1
8
H'FF639
PPG_1
8
3P
φ/3Pφ
Output data register H_1
PODRH_1
8
H'FF63A
PPG_1
8
3P
φ/3Pφ
Output data register L_1
PODRL_1
8
H'FF63B
PPG_1
8
3P
φ/3Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com