Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1470 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1470 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1466Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1467Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1468Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1469Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1470Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1471Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1472Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1473Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1470 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1438 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
12.4 Location of Transfer
Information and DTC Vector
Table
Table 12.1 Interrupt Sources,
DTC Vector Addresses, and
Corresponding DTCEs
572
Amended
DTC Vector Address offset of the origin of activation source
for the external pin
EXDMTEND3 H'61C
12.9.3 DMAC Transfer End
Interrupt
592
Added
When the DTC is activated by a DMAC transfer end
interrupt, even if DISEL=0, an automatic clearing of the
relevant activation source flag is not automatically cleared
by the DTC. Therefore, write 1 to the DTE bit by the DTC
transfer and clear the activation source flag to 0.
12.9.9 Points for Caution
when Overwriting DTCER.
594
Added
Section 13 I/O Ports
13.2 Output Buffer Control
13.2.6 Port A
626,
629
Amended
(2) PA6/
AS/AH/BS-B
Setting of the I/O Port
[Before amendment]
BSB_OE →
[After amendment]
BS-B_OE
(7) PA1/
BACK/(RD/WR-A)
Pin function of the bus controller
[Before amendment] RD/
WR output →
[After amendment] RD/
WR-A output
Setting of the I/O Port
[Before amendment] (RD
/WR)_OE →
[After amendment] (RD
/WR) -A_OE
Table 13.5 Available Output
Signals and Settings in Each
Port
653
Replaced
Replaced due to the correction of an error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com