Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1472 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1472 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1468Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1469Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1470Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1471Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1472Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1473Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1474Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1475Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1472 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1440 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Section 18 Watchdog Timer
(WDT)
18.3.2 Timer Control/Status
Register
858
Added
The description below for the bit 7 in the bit table is added:
(When the CPU is used to clear this flag while the
corresponding interrupt is enabled, be sure to read the flag
after writing 0 to it.)
Section 19 Serial
Communication Interface
(SCI, IrDA, CRC)
19.3.12 IrDA Control Register
(IrCR)
911
Amended
The description below for the bit 7 in the bit table
1.TxD5/IrTxD and RxD5/IrRxD pins are operate as IrTxD
and IrRxD.
Section 21 I
2C Bus Interface 2
(IIC2)
21.1 Features
1033
Added
Module stop function setting
1047
Deleted
The description below for the bit 1 is deleted:
[Clearing condition]
When 0 is written to this bit after reading AAS = 1 (When
the CPU is used to clear this flag by writing 0 while the
corresponding interrupt is enabled, be sure to read the flag
after writing 0 to it.)
21.3.5 I
2C Bus Status
Register (ICSR)
1048
Deleted
The description below for the bit 0 is deleted:
[Clearing condition]
When 0 is written to this bit after reading ADZ = 1 (When
the CPU is used to clear this flag by writing 0 while the
corresponding interrupt is enabled, be sure to read the flag
after writing 0 to it.)
21.7 Usage Notes
1066
Added
6. Setting of the module stop function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com