Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1474 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1474 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1470Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1471Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1472Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1473Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1474Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1475Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1476Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1477Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1474 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1442 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Section 25 Flash Memory
25.7.1 Programming/Erasing
Interface Registers
1120
Added
Bit 0 R/W*
Note: This is a write-only bit. This bit is always read as 0.
25.7.2 Programming/Erasing
Interface Parameters
(3) Flash Program/Erase
Frequency Parameter
(FPEFEQ)
1132
Amended
FPEFEQ sets the operating frequency of the CPU. The
operating frequency available in this LSI ranges from 8 MHz
to 50 MHz.
Amended
5. Do not turn off the Vcc power supply nor remove the chip
from the PROM programmer during programming/erasure
in which a high voltage is applied to the flash memory.
Doing so may damage the flash memory permanently. If
a reset is input, the reset must be released after the reset
input period of at least 100µs.
25.14 Usage Notes
1203
Amended
7. At powering on the Vcc power supply, fix the RES pin to
low and set the flash memory to hardware protection
state. This power on timing must also be satisfied at a
power-off and power-on caused by a power failure and
other factors.
Section 26 Boundary Scan
26.4.3 Boundary Scan
Register (JTBSR)
1210
Amended
Table 26.4
Table item "from TDI" is added.
"from TDI" and "to TDO" are deleted from the pin name of
the table item
Section 27 Clock Pulse
Generator
27.6.1 Notes on Clock Pulse
Generator
1231
Amended
Item numbers 1 to 5 are added
4. Note that the frequency of f will be changed in the middle
of a bus cycle when setting SCKCR0 or SUBCKCR while
executing the external bus cycle with the write-data-buffer
function and EXDMAC
Section 28 Power-Down
Modes
28.2 Register Descriptions
1239
Amended
•
Deep standby backup register n (DPSBKRn)
(n=15 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com