Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 349Page - Renesas Technology Corp H8/3021 Datasheet HTML 350Page - Renesas Technology Corp H8/3021 Datasheet HTML 351Page - Renesas Technology Corp H8/3021 Datasheet HTML 352Page - Renesas Technology Corp H8/3021 Datasheet HTML 353Page - Renesas Technology Corp H8/3021 Datasheet HTML 354Page - Renesas Technology Corp H8/3021 Datasheet HTML 355Page - Renesas Technology Corp H8/3021 Datasheet HTML 356Page - Renesas Technology Corp H8/3021 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 329 of 684
REJ09B0352-0200
10.4
Interrupts
During interval timer operation, an overflow generates an interval timer interrupt (WOVI). The
interval timer interrupt is requested whenever the OVF bit is set to 1 in TCSR.
10.5
Usage Notes
Contention between TCNT Write and Increment: If a timer counter clock pulse is generated
during the T3 state of a write cycle to TCNT, the write takes priority and the timer count is not
incremented. See figure 10.8.
φ
TCNT
TCNT
NM
Counter write data
T3
T2
T1
Write cycle: CPU writes to TCNT
Internal write
signal
TCNT input
clock
Figure 10.8 Contention between TCNT Write and Increment
Changing CKS2 to CKS0 Values: Halt TCNT by clearing the TME bit to 0 in TCSR before
changing the values of bits CKS2 to CKS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com