Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 351Page - Renesas Technology Corp H8/3021 Datasheet HTML 352Page - Renesas Technology Corp H8/3021 Datasheet HTML 353Page - Renesas Technology Corp H8/3021 Datasheet HTML 354Page - Renesas Technology Corp H8/3021 Datasheet HTML 355Page - Renesas Technology Corp H8/3021 Datasheet HTML 356Page - Renesas Technology Corp H8/3021 Datasheet HTML 357Page - Renesas Technology Corp H8/3021 Datasheet HTML 358Page - Renesas Technology Corp H8/3021 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 331 of 684
REJ09B0352-0200
Section 11 Serial Communication Interface
11.1
Overview
The H8/3022 Group has a serial communication interface (SCI) with two independent channels.
The two channels are functionally identical. The SCI can communicate in asynchronous or
synchronous mode. It also has a multiprocessor communication function for serial communication
among two or more processors.
When the SCI is not used, it can be halted to conserve power. Each SCI channel can be halted
independently. For details see section 17.6, Module Standby Function.
Channel 0 (SCI0) also has a smart card interface function conforming to the ISO/IEC7816-3
(Identification Card) standard. This function supports serial communication with a smart card. For
details, see section 12, Smart Card Interface.
11.1.1
Features
SCI features are listed below.
• Selection of asynchronous or synchronous mode for serial communication
a. Asynchronous mode
Serial data communication is synchronized one character at a time. The SCI can communicate
with a universal asynchronous receiver/transmitter (UART), asynchronous communication
interface adapter (ACIA), or other chip that employs standard asynchronous serial
communication. It can also communicate with two or more other processors using the
multiprocessor communication function. There are twelve selectable serial data
communication formats.
⎯ Data length:
7 or 8 bits
⎯ Stop bit length:
1 or 2 bits
⎯ Parity bit:
even, odd, or none
⎯ Multiprocessor bit:
1 or 0
⎯ Receive error detection:
parity, overrun, and framing errors
⎯ Break detection:
by reading the RxD level directly when a framing error occurs
b. Synchronous mode
Serial data communication is synchronized with a clock signal. The SCI can communicate with
other chips having a synchronous communication function. There is one serial data
communication format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com