Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 357Page - Renesas Technology Corp H8/3021 Datasheet HTML 358Page - Renesas Technology Corp H8/3021 Datasheet HTML 359Page - Renesas Technology Corp H8/3021 Datasheet HTML 360Page - Renesas Technology Corp H8/3021 Datasheet HTML 361Page - Renesas Technology Corp H8/3021 Datasheet HTML 362Page - Renesas Technology Corp H8/3021 Datasheet HTML 363Page - Renesas Technology Corp H8/3021 Datasheet HTML 364Page - Renesas Technology Corp H8/3021 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 337 of 684
REJ09B0352-0200
11.2.3
Transmit Shift Register (TSR)
TSR is an 8-bit register used to transmit serial data.
Bit
Read/Write
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
The SCI loads transmit data from TDR into TSR, then transmits the data serially from the TxD
pin, LSB (bit 0) first. After transmitting one data byte, the SCI automatically loads the next
transmit data from TDR into TSR and starts transmitting it. If the TDRE flag is set to 1 in SSR,
however, the SCI does not load the TDR contents into TSR. The CPU cannot read or write TSR
directly.
11.2.4
Transmit Data Register (TDR)
TDR is an 8-bit register that stores data for serial transmission.
Bit
Initial value
Read/Write
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
When the SCI detects that TSR is empty, it moves transmit data written in TDR from TDR into
TSR and starts serial transmission. Continuous serial transmission is possible by writing the next
transmit data in TDR during serial transmission from TSR.
The CPU can always read and write TDR. TDR is initialized to H'FF by a reset and in standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com