Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 358Page - Renesas Technology Corp H8/3021 Datasheet HTML 359Page - Renesas Technology Corp H8/3021 Datasheet HTML 360Page - Renesas Technology Corp H8/3021 Datasheet HTML 361Page - Renesas Technology Corp H8/3021 Datasheet HTML 362Page - Renesas Technology Corp H8/3021 Datasheet HTML 363Page - Renesas Technology Corp H8/3021 Datasheet HTML 364Page - Renesas Technology Corp H8/3021 Datasheet HTML 365Page - Renesas Technology Corp H8/3021 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 338 of 684
REJ09B0352-0200
11.2.5
Serial Mode Register (SMR)
SMR is an 8-bit register that specifies the SCI serial communication format and selects the clock
source for the baud rate generator.
Bit
Initial value
Read/Write
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Communication mode
Selects asynchronous or synchronous mode
Clock select 1/0
These bits select the
baud rate generator's
clock source
Character length
Selects character length in asynchronous mode
Parity enable
Selects whether a parity bit is added
Parity mode
Selects even or odd parity
Stop bit length
Selects the stop bit length
Multiprocessor mode
Selects the multiprocessor
function
The CPU can always read and write SMR. SMR is initialized to H'00 by a reset and in standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com