Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 362Page - Renesas Technology Corp H8/3021 Datasheet HTML 363Page - Renesas Technology Corp H8/3021 Datasheet HTML 364Page - Renesas Technology Corp H8/3021 Datasheet HTML 365Page - Renesas Technology Corp H8/3021 Datasheet HTML 366Page - Renesas Technology Corp H8/3021 Datasheet HTML 367Page - Renesas Technology Corp H8/3021 Datasheet HTML 368Page - Renesas Technology Corp H8/3021 Datasheet HTML 369Page - Renesas Technology Corp H8/3021 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 342 of 684
REJ09B0352-0200
11.2.6
Serial Control Register (SCR)
SCR enables the SCI transmitter and receiver, enables or disables serial clock output in
asynchronous mode, enables or disables interrupts, and selects the transmit/receive clock source.
Bit
Initial value
Read/Write
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Transmit interrupt enable
Enables or disables transmit-data-empty interrupts (TXI)
Clock enable 1/0
These bits select the
SCI clock source
Receive interrupt enable
Enables or disables receive-data-full interrupts (RXI) and
receive-error interrupts (ERI)
Transmit enable
Enables or disables the transmitter
Receive enable
Enables or disables the receiver
Multiprocessor interrupt enable
Enables or disables multiprocessor
interrupts
Transmit end interrupt enable
Enables or disables transmit-
end interrupts (TEI)
The CPU can always read and write SCR. SCR is initialized to H'00 by a reset and in standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com