Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 364Page - Renesas Technology Corp H8/3021 Datasheet HTML 365Page - Renesas Technology Corp H8/3021 Datasheet HTML 366Page - Renesas Technology Corp H8/3021 Datasheet HTML 367Page - Renesas Technology Corp H8/3021 Datasheet HTML 368Page - Renesas Technology Corp H8/3021 Datasheet HTML 369Page - Renesas Technology Corp H8/3021 Datasheet HTML 370Page - Renesas Technology Corp H8/3021 Datasheet HTML 371Page - Renesas Technology Corp H8/3021 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 344 of 684
REJ09B0352-0200
Bit 4—Receive Enable (RE): Enables or disables the start of SCI serial receiving operations.
Bit 4
RE
Description
0
Receiving disabled*
1
(Initial value)
1
Receiving enabled*
2
Notes: 1. Clearing the RE bit to 0 does not affect the RDRF, FER, PER, and ORER flags. These
flags retain their previous values.
2. In the enabled state, serial receiving starts when a start bit is detected in asynchronous
mode, or serial clock input is detected in synchronous mode. Select the receive format
in SMR before setting the RE bit to 1.
Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE setting is valid only in asynchronous mode, and only if the MP bit is set to 1 in SMR.
The MPIE setting is ignored in synchronous mode or when the MP bit is cleared to 0.
Bit 3
MPIE
Description
0
Multiprocessor interrupts are disabled (normal receive operation)
[Clearing conditions]
The MPIE bit is cleared to 0.
MPB = 1 in received data.
(Initial value)
1
Multiprocessor interrupts are enabled*
Receive-data-full interrupts (RXI), receive-error interrupts (ERI), and setting of the RDRF,
FER, and ORER status flags in SSR are disabled until data with the multiprocessor bit
set to 1 is received.
Note:
*
The SCI does not transfer receive data from RSR to RDR, does not detect receive
errors, and does not set the RDRF, FER, and ORER flags in SSR. When it receives
data in which MPB = 1, the SCI sets the MPB bit to 1 in SSR, automatically clears the
MPIE bit to 0, and enables RXI and ERI interrupts (if the RIE bit is set to 1 in SCR) and
setting of the FER and ORER flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com