Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 366Page - Renesas Technology Corp H8/3021 Datasheet HTML 367Page - Renesas Technology Corp H8/3021 Datasheet HTML 368Page - Renesas Technology Corp H8/3021 Datasheet HTML 369Page - Renesas Technology Corp H8/3021 Datasheet HTML 370Page - Renesas Technology Corp H8/3021 Datasheet HTML 371Page - Renesas Technology Corp H8/3021 Datasheet HTML 372Page - Renesas Technology Corp H8/3021 Datasheet HTML 373Page - Renesas Technology Corp H8/3021 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 346 of 684
REJ09B0352-0200
11.2.7
Serial Status Register (SSR)
SSR is an 8-bit register containing multiprocessor bit values, and status flags that indicate the SCI
operating status.
Bit
Initial value
Read/Write
Note: * Only 0 can be written to clear the flag.
7
TDRE
1
R/(W)
6
RDRF
0
R/(W)
5
ORER
0
R/(W)
4
FER
0
R/(W)
3
PER
0
R/(W)
0
MPBT
0
R/W
2
TEND
1
R
1
MPB
0
R
Transmit data register empty
Status flag indicating that transmit data has been transferred from TDR into
TSR and new data can be written in TDR
Multiprocessor
bit transfer
Value of multi-
processor bit to
be transmitted
Receive data register full
Status flag indicating that data has been received and stored in RDR
Overrun error
Status flag indicating detection of a receive overrun error
Framing error
Status flag indicating detection of a receive
framing error
Parity error
Status flag indicating detection of
a receive parity error
Transmit end
Status flag indicating end of
transmission
**
*
*
*
Multiprocessor bit
Stores the received
multiprocessor bit value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com