Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 369Page - Renesas Technology Corp H8/3021 Datasheet HTML 370Page - Renesas Technology Corp H8/3021 Datasheet HTML 371Page - Renesas Technology Corp H8/3021 Datasheet HTML 372Page - Renesas Technology Corp H8/3021 Datasheet HTML 373Page - Renesas Technology Corp H8/3021 Datasheet HTML 374Page - Renesas Technology Corp H8/3021 Datasheet HTML 375Page - Renesas Technology Corp H8/3021 Datasheet HTML 376Page - Renesas Technology Corp H8/3021 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 349 of 684
REJ09B0352-0200
Bit 3—Parity Error (PER): Indicates that data reception ended abnormally due to a parity error
in asynchronous mode.
Bit 3
PER
Description
0
Receiving is in progress or has ended normally*
1
[Clearing conditions]
The chip is reset or enters standby mode. Software reads PER while it
is set to 1, then writes 0.
(Initial value)
1
A receive parity error occurred*
2
[Setting condition]
The number of 1s in receive data, including the parity bit, does not
match the even or odd parity setting of O/
E in SMR.
Notes: 1. Clearing the RE bit to 0 in SCR does not affect the PER flag, which retains its previous
value.
2. When a parity error occurs the SCI transfers the receive data into RDR but does not set
the RDRF flag. Serial receiving cannot continue while the PER flag is set to 1. In
synchronous mode, serial transmitting is also disabled.
Bit 2—Transmit End (TEND): Indicates that when the last bit of a serial character was
transmitted TDR did not contain new transmit data, so transmission has ended. The TEND flag is
a read-only bit and cannot be written.
Bit 2
TEND
Description
0
Transmission is in progress
[Clearing conditions]
Software reads TDRE while it is set to 1, then writes 0 in the TDRE
flag.
1
End of transmission
[Setting conditions]
The chip is reset or enters standby mode. The TE bit is cleared to 0 in
SCR.
TDRE is 1 when the last bit of a serial character is transmitted.
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com