Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 370Page - Renesas Technology Corp H8/3021 Datasheet HTML 371Page - Renesas Technology Corp H8/3021 Datasheet HTML 372Page - Renesas Technology Corp H8/3021 Datasheet HTML 373Page - Renesas Technology Corp H8/3021 Datasheet HTML 374Page - Renesas Technology Corp H8/3021 Datasheet HTML 375Page - Renesas Technology Corp H8/3021 Datasheet HTML 376Page - Renesas Technology Corp H8/3021 Datasheet HTML 377Page - Renesas Technology Corp H8/3021 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 350 of 684
REJ09B0352-0200
Bit 1—Multiprocessor Bit (MPB): Stores the value of the multiprocessor bit in receive data
when a multiprocessor format is used in asynchronous mode. MPB is a read-only bit and cannot
be written.
Bit 1
MPB
Description
0
Multiprocessor bit value in receive data is 0*
(Initial value)
1
Multiprocessor bit value in receive data is 1
Note:
*
If the RE bit is cleared to 0 when a multiprocessor format is selected, MPB retains its
previous value.
Bit 0—Multiprocessor Bit Transfer (MPBT): Stores the value of the multiprocessor bit added to
transmit data when a multiprocessor format is selected for transmitting in asynchronous mode.
The MPBT setting is ignored in synchronous mode, when a multiprocessor format is not selected,
or when the SCI is not transmitting.
Bit 0
MPBT
Description
0
Multiprocessor bit value in transmit data is 0
(Initial value)
1
Multiprocessor bit value in transmit data is 1
11.2.8
Bit Rate Register (BRR)
BRR is an 8-bit register that, together with the CKS1 and CKS0 bits in SMR that select the baud
rate generator clock source, determines the serial communication bit rate.
Bit
Initial value
Read/Write
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
The CPU can always read and write BRR. BRR is initialized to H'FF by a reset and in standby
mode.
The baud rate generator is controlled separately for the individual channels, so different values
may be set for each.
Table 11.3 shows examples of BRR settings in asynchronous mode. Table 11.4 shows examples of
BRR settings in synchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com