Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 387Page - Renesas Technology Corp H8/3021 Datasheet HTML 388Page - Renesas Technology Corp H8/3021 Datasheet HTML 389Page - Renesas Technology Corp H8/3021 Datasheet HTML 390Page - Renesas Technology Corp H8/3021 Datasheet HTML 391Page - Renesas Technology Corp H8/3021 Datasheet HTML 392Page - Renesas Technology Corp H8/3021 Datasheet HTML 393Page - Renesas Technology Corp H8/3021 Datasheet HTML 394Page - Renesas Technology Corp H8/3021 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 367 of 684
REJ09B0352-0200
In transmitting serial data, the SCI operates as follows.
• The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0 the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
• After loading the data from TDR into TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit is set to 1 in SCR, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
⎯ Start bit:
One 0 bit is output.
⎯ Transmit data:
7 or 8 bits are output, LSB first.
⎯ Parity bit or multiprocessor bit:
One parity bit (even or odd parity) or one
multiprocessor bit is output. Formats in which neither
a parity bit nor a multiprocessor bit is output can also
be selected.
⎯ Stop bit:
One or two 1 bits (stop bits) are output.
⎯ Mark state:
Output of 1 continues until the start bit of the
next transmit data.
• The SCI checks the TDRE flag when it outputs the stop bit. If the TDRE flag is 0, the SCI
loads new data from TDR into TSR, outputs the stop bit, then begins serial transmission of the
next frame. If the TDRE flag is 1, the SCI sets the TEND flag to 1 in SSR, outputs the stop bit,
then continues output of 1 in the mark state. If the TEIE bit is set to 1 in SCR, a transmit-end
interrupt (TEI) is requested at this time.
Figure 11.6 shows an example of SCI transmit operation in asynchronous mode.
1
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Parity
bit
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Parity
bit
1
Idle (mark)
state
TDRE
TEND
TXI
interrupt
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
TXI
interrupt
request
1 frame
TEI interrupt request
Figure 11.6 Example of SCI Transmit Operation in Asynchronous Mode
(8-Bit Data with Parity and 1 Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com