Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 390Page - Renesas Technology Corp H8/3021 Datasheet HTML 391Page - Renesas Technology Corp H8/3021 Datasheet HTML 392Page - Renesas Technology Corp H8/3021 Datasheet HTML 393Page - Renesas Technology Corp H8/3021 Datasheet HTML 394Page - Renesas Technology Corp H8/3021 Datasheet HTML 395Page - Renesas Technology Corp H8/3021 Datasheet HTML 396Page - Renesas Technology Corp H8/3021 Datasheet HTML 397Page - Renesas Technology Corp H8/3021 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 370 of 684
REJ09B0352-0200
In receiving, the SCI operates as follows.
• The SCI monitors the receive data line. When it detects a start bit, the SCI synchronizes
internally and starts receiving.
• Receive data is stored in RSR in order from LSB to MSB.
• The parity bit and stop bit are received.
After receiving data, the SCI makes the following checks:
⎯ Parity check:
The number of 1s in the receive data must match the even or odd parity
setting of the O/
E bit in SMR.
⎯ Stop bit check:
The stop bit value must be 1. If there are two stop bits, only the first
stop bit is checked.
⎯ Status check:
The RDRF flag must be 0 so that receive data can be transferred from
RSR into RDR.
If these checks all pass, the RDRF flag is set to 1 and the received data is stored in RDR. If one of
the checks fails (receive error), the SCI operates as indicated in table 11.11.
Note:
When a receive error occurs, further receiving is disabled. In receiving, the RDRF flag is
not set to 1. Be sure to clear the error flags.
• When the RDRF flag is set to 1, if the RIE bit is set to 1 in SCR, a receive-data-full interrupt
(RXI) is requested. If the ORER, PER, or FER flag is set to 1 and the RIE bit in SCR is also
set to 1, a receive-error interrupt (ERI) is requested.
Table 11.11 Receive Error Conditions
Receive Error
Abbreviation
Condition
Data Transfer
Overrun error
ORER
Receiving of next data ends
while RDRF flag is still set
to 1 in SSR
Receive data not
transferred from RSR to
RDR
Framing error
FER
Stop bit is 0
Receive data transferred
from RSR to RDR
Parity error
PER
Parity of receive data differs
from even/odd parity setting
in SMR
Receive data transferred
from RSR to RDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com