Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 459Page - Renesas Technology Corp H8/3021 Datasheet HTML 460Page - Renesas Technology Corp H8/3021 Datasheet HTML 461Page - Renesas Technology Corp H8/3021 Datasheet HTML 462Page - Renesas Technology Corp H8/3021 Datasheet HTML 463Page - Renesas Technology Corp H8/3021 Datasheet HTML 464Page - Renesas Technology Corp H8/3021 Datasheet HTML 465Page - Renesas Technology Corp H8/3021 Datasheet HTML 466Page - Renesas Technology Corp H8/3021 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 439 of 684
REJ09B0352-0200
FS
Offset error
Nonlinearity
error
Actual A/D conversion
characteristic
Analog
input voltage
Digital output
Ideal A/D conversion
characteristic
Full-scale error
Figure 13.10 A/D Conversion Precision Definitions (2)
Permissible Signal Source Impedance: H8/3022 Group analog input is designed so that
conversion precision is guaranteed for an input signal for which the signal source impedance is 5
k
Ω or less. This specification is provided to enable the A/D converter’s sample-and-hold circuit
input capacitance to be charged within the sampling time; if the sensor output impedance exceeds
5 k
Ω, charging may be insufficient and it may not be possible to guarantee the A/D conversion
precision.
When converting in the single mode, if a large capacitance is provided externally, the input load
will essentially comprise only the internal input resistance of 10 k
Ω, and the signal source
impedance is ignored.
However, since a low-pass filter effect is obtained in this case, it may not be possible to follow an
analog signal with a large differential coefficient (e.g., voltage regulation 5 mV/
μs or greater).
(See figure 13.11.)
When converting a high-speed analog signal and when performing conversion in the scan mode, a
low-impedance buffer should be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com