Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 460Page - Renesas Technology Corp H8/3021 Datasheet HTML 461Page - Renesas Technology Corp H8/3021 Datasheet HTML 462Page - Renesas Technology Corp H8/3021 Datasheet HTML 463Page - Renesas Technology Corp H8/3021 Datasheet HTML 464Page - Renesas Technology Corp H8/3021 Datasheet HTML 465Page - Renesas Technology Corp H8/3021 Datasheet HTML 466Page - Renesas Technology Corp H8/3021 Datasheet HTML 467Page - Renesas Technology Corp H8/3021 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 440 of 684
REJ09B0352-0200
Influences on Absolute Precision: Adding capacitance results in coupling with GND, and
therefore noise in GND may adversely affect absolute precision. Be sure to make the connection
to an electrically stable GND such as AV
SS.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, thus acting as antennas.
A/D converter
equivalent circuit
H8/3022 Group
20 pF
Cin =
15 pF
10 k
Ω
Up to 5 k
Ω
Low-pass
filter
C to 0.1
μF
Sensor output
impedance
Sensor input
Note: Values are reference values.
Figure 13.11 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com