Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 521Page - Renesas Technology Corp H8/3021 Datasheet HTML 522Page - Renesas Technology Corp H8/3021 Datasheet HTML 523Page - Renesas Technology Corp H8/3021 Datasheet HTML 524Page - Renesas Technology Corp H8/3021 Datasheet HTML 525Page - Renesas Technology Corp H8/3021 Datasheet HTML 526Page - Renesas Technology Corp H8/3021 Datasheet HTML 527Page - Renesas Technology Corp H8/3021 Datasheet HTML 528Page - Renesas Technology Corp H8/3021 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 712 page
background image
16. Clock Pulse Generator
Rev.2.00 Mar. 22, 2007 Page 501 of 684
REJ09B0352-0200
Section 16 Clock Pulse Generator
16.1
Overview
This LSI has a built-in clock pulse generator (CPG) that generates the system clock (
φ) and other
internal clock signals (
φ/2 to φ/4096). After duty adjustment, a frequency divider divides the clock
frequency to generate the system clock (
φ). The system clock is output at the φ pin*1 and furnished
as a master clock to prescalers that supply clock signals to the on-chip supporting modules.
Frequency division ratios of 1/1, 1/2, 1/4, and 1/8 can be selected for the frequency divider by
settings in a division control register (DIVCR).*
2 Power consumption in the chip is reduced in
almost direct proportion to the frequency division ratio.
Notes: 1. Usage of the
φ pin differs depending on the chip operating mode and the PSTOP bit
setting in the module standby control register (MSTCR). For details, see section 17.7,
System Clock Output Disabling Function.
2. The division ratio of the frequency divider can be changed dynamically during
operation. The clock output at the
φ pin also changes when the division ratio is
changed. The frequency output at the
φ pin is shown below.
φ = EXTAL × n
EXTAL:
Frequency of crystal resonator or external clock signal
n:
Frequency division ratio (n = 1/1, 1/2, 1/4, or 1/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com