Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 523Page - Renesas Technology Corp H8/3021 Datasheet HTML 524Page - Renesas Technology Corp H8/3021 Datasheet HTML 525Page - Renesas Technology Corp H8/3021 Datasheet HTML 526Page - Renesas Technology Corp H8/3021 Datasheet HTML 527Page - Renesas Technology Corp H8/3021 Datasheet HTML 528Page - Renesas Technology Corp H8/3021 Datasheet HTML 529Page - Renesas Technology Corp H8/3021 Datasheet HTML 530Page - Renesas Technology Corp H8/3021 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 712 page
background image
16. Clock Pulse Generator
Rev.2.00 Mar. 22, 2007 Page 503 of 684
REJ09B0352-0200
16.2
Oscillator Circuit
Clock pulses can be supplied by connecting a crystal resonator, or by input of an external clock
signal.
16.2.1
Connecting a Crystal Resonator
Circuit Configuration: A crystal resonator can be connected as in the example in figure 16.2.
The damping resistance Rd should be selected according to table 16.1. An AT-cut parallel-
resonance crystal should be used.
EXTAL
XTAL
CL1
CL2
C
= C
= 10 pF to 22 pF
L1
L2
Rd
Figure 16.2 Connection of Crystal Resonator (Example)
Table 16.1
Damping Resistance Value (Example)
Frequency (MHz)
2
4
8
10
12
16
18
Rd (
Ω)
1 k
500
200
0
0
0
0
Crystal Resonator: Figure 16.3 shows an equivalent circuit of the crystal resonator. The crystal
resonator should have the characteristics listed in table 16.2.
XTAL
LRs
CL
CO
EXTAL
AT-cut parallel-resonance type
Figure 16.3 Crystal Resonator Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com