Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 528Page - Renesas Technology Corp H8/3021 Datasheet HTML 529Page - Renesas Technology Corp H8/3021 Datasheet HTML 530Page - Renesas Technology Corp H8/3021 Datasheet HTML 531Page - Renesas Technology Corp H8/3021 Datasheet HTML 532Page - Renesas Technology Corp H8/3021 Datasheet HTML 533Page - Renesas Technology Corp H8/3021 Datasheet HTML 534Page - Renesas Technology Corp H8/3021 Datasheet HTML 535Page - Renesas Technology Corp H8/3021 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 712 page
background image
16. Clock Pulse Generator
Rev.2.00 Mar. 22, 2007 Page 508 of 684
REJ09B0352-0200
16.3
Duty Adjustment Circuit
When the oscillator frequency is 5 MHz or higher, the duty adjustment circuit adjusts the duty
cycle of the clock signal from the oscillator to generate the system clock (
φ).
16.4
Prescalers
The prescalers divide the system clock (
φ) to generate internal clocks (φ/2 to φ/4096).
16.5
Frequency Divider
The frequency divider divides the duty-adjusted clock signal to generate the system clock (
φ). The
frequency division ratio can be changed dynamically by modifying the value in DIVCR, as
described below. Power consumption in the chip is reduced in almost direct proportion to the
frequency division ratio. The system clock generated by the frequency divider can be output at the
φ pin.
16.5.1
Register Configuration
Table 16.5 summarizes the frequency division register.
Table 16.5
Frequency Division Register
Address*
Name
Abbreviation
R/W
Initial Value
H'FF5D
Division control register
DIVCR
R/W
H'FC
Note:
*
The lower 16 bits of the address are shown.
16.5.2
Division Control Register (DIVCR)
DIVCR is an 8-bit readable/writable register that selects the division ratio of the frequency
divider.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
DIV0
0
R/W
2
—
1
—
1
DIV1
0
R/W
Reserved bits
Divide bits 1 and 0
These bits select the
frequency division ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com