Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 529Page - Renesas Technology Corp H8/3021 Datasheet HTML 530Page - Renesas Technology Corp H8/3021 Datasheet HTML 531Page - Renesas Technology Corp H8/3021 Datasheet HTML 532Page - Renesas Technology Corp H8/3021 Datasheet HTML 533Page - Renesas Technology Corp H8/3021 Datasheet HTML 534Page - Renesas Technology Corp H8/3021 Datasheet HTML 535Page - Renesas Technology Corp H8/3021 Datasheet HTML 536Page - Renesas Technology Corp H8/3021 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 712 page
background image
16. Clock Pulse Generator
Rev.2.00 Mar. 22, 2007 Page 509 of 684
REJ09B0352-0200
DIVCR is initialized to H'FC by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 2—Reserved: These bits cannot be modified and are always read as 1.
Bits 1 and 0—Divide (DIV1 and DIV0): These bits select the frequency division ratio, as
follows.
Bit 1
DIV1
Bit 0
DIV0
Frequency Division Ratio
0
0
1/1
(Initial value)
0
1
1/2
1
0
1/4
1
1
1/8
16.5.3
Usage Notes
The DIVCR setting changes the
φ frequency, so note the following points.
• Select a frequency division ratio that stays within the assured operation range specified for the
clock cycle time t
cyc in the AC electrical characteristics. Note that φMIN = 1 MHz. Avoid settings
that give system clock frequencies less than 1 MHz.
• All on-chip module operations are based on φ. Note that the timing of timer operations, serial
communication, and other time-dependent processing differs before and after any change in
the division ratio. The waiting time for exit from software standby mode also changes when
the division ratio is changed. For details, see section 17.4.3, Selection of Oscillator Waiting
Time After Exit from Software Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com