Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 533Page - Renesas Technology Corp H8/3021 Datasheet HTML 534Page - Renesas Technology Corp H8/3021 Datasheet HTML 535Page - Renesas Technology Corp H8/3021 Datasheet HTML 536Page - Renesas Technology Corp H8/3021 Datasheet HTML 537Page - Renesas Technology Corp H8/3021 Datasheet HTML 538Page - Renesas Technology Corp H8/3021 Datasheet HTML 539Page - Renesas Technology Corp H8/3021 Datasheet HTML 540Page - Renesas Technology Corp H8/3021 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 513 of 684
REJ09B0352-0200
17.2
Register Configuration
This LSI has a system control register (SYSCR) that controls the power-down state, and a module
standby control register (MSTCR) that controls the module standby function. Table 17.2
summarizes this register.
Table 17.2
Register Configuration
Address*
Name
Abbreviation
R/W
Initial Value
H'FFF2
System control register
SYSCR
R/W
H'0B
H'FF5E
Module standby control
register
MSTCR
R/W
H'40
Note:
*
Lower 16 bits of the address.
17.2.1
System Control Register (SYSCR)
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
UE
1
R/W
0
RAME
1
R/W
2
NMIEG
0
R/W
1
—
1
—
Software standby
Enables transition to
software standby mode
RAM enable
Standby timer select 2 to 0
These bits select the
waiting time at exit from
software standby mode
User bit enable
NMI edge select
Reserved bit
SYSCR is an 8-bit readable/writable register. Bit 7 (SSBY) and bits 6 to 4 (STS2 to STS0) control
the power-down state. For information on the other SYSCR bits, see section 3.3, System Control
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com