Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 535Page - Renesas Technology Corp H8/3021 Datasheet HTML 536Page - Renesas Technology Corp H8/3021 Datasheet HTML 537Page - Renesas Technology Corp H8/3021 Datasheet HTML 538Page - Renesas Technology Corp H8/3021 Datasheet HTML 539Page - Renesas Technology Corp H8/3021 Datasheet HTML 540Page - Renesas Technology Corp H8/3021 Datasheet HTML 541Page - Renesas Technology Corp H8/3021 Datasheet HTML 542Page - Renesas Technology Corp H8/3021 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 515 of 684
REJ09B0352-0200
17.2.2
Module Standby Control Register (MSTCR)
MSTCR is an 8-bit readable/writable register that controls output of the system clock (
φ). It also
controls the module standby function, which places individual on-chip supporting modules in the
standby state. Module standby can be designated for the ITU, SCI0, SCI1, and A/D converter
modules.
Bit
Initial value
Read/Write
7
PSTOP
0
R/W
6
—
1
—
5
MSTOP5
0
R/W
4
MSTOP4
0
R/W
3
MSTOP3
0
R/W
0
MSTOP0
0
R/W
2
—
0
—
1
—
0
—
φ clock stop
Enables or disables
output of the system clock
Module standby 5 to 3, and 0
These bits select modules
to be placed in standby
Reserved bit
Reserved bit
MSTCR is initialized to H'40 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit 7—
φ Clock Stop (PSTOP): Enables or disables output of the system clock (φ).
Bit 7
PSTOP
Description
0
System clock output is enabled
(Initial value)
1
System clock output is disabled
Bit 6—Reserved: This bit cannot be modified and is always read as 1.
Bit 5—Module Standby 5 (MSTOP5): Selects whether to place the ITU in standby.
Bit 5
MSTOP5
Description
0
ITU operates normally
(Initial value)
1
ITU is in standby state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com