Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 538Page - Renesas Technology Corp H8/3021 Datasheet HTML 539Page - Renesas Technology Corp H8/3021 Datasheet HTML 540Page - Renesas Technology Corp H8/3021 Datasheet HTML 541Page - Renesas Technology Corp H8/3021 Datasheet HTML 542Page - Renesas Technology Corp H8/3021 Datasheet HTML 543Page - Renesas Technology Corp H8/3021 Datasheet HTML 544Page - Renesas Technology Corp H8/3021 Datasheet HTML 545Page - Renesas Technology Corp H8/3021 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 518 of 684
REJ09B0352-0200
17.4
Software Standby Mode
17.4.1
Transition to Software Standby Mode
To enter software standby mode, execute the SLEEP instruction while the SSBY bit is set to 1 in
SYSCR.
In software standby mode, current dissipation is reduced to an extremely low level because the
CPU, clock, and on-chip supporting modules all halt. The on-chip supporting modules are reset
and halted. As long as the specified voltage is supplied, however, CPU register contents and on-
chip RAM data are retained. The settings of the I/O ports are also held.
17.4.2
Exit from Software Standby Mode
Software standby mode can be exited by input of an external interrupt at the NMI,
IRQ
0, IRQ1, or
by input at the
RES or STBY pin.
Exit by Interrupt: When an NMI, IRQ
0, or IRQ1 interrupt request signal is received, the clock
oscillator begins operating. After the oscillator settling time selected by bits STS2 to STS0 in
SYSCR, stable clock signals are supplied to the entire chip, software standby mode ends, and
interrupt exception handling begins. Software standby mode is not exited if the interrupt enable
bits of interrupts IRQ
0, and IRQ1 are cleared to 0, or if these interrupts are masked in the CPU.
Exit by
RES Input: When the RES input goes low, the clock oscillator starts and clock pulses are
supplied immediately to the entire chip. The
RES signal must be held low long enough for the
clock oscillator to stabilize. When
RES goes high, the CPU starts reset exception handling.
Exit by
STBY Input: Low input at the STBY pin causes a transition to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com