Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 541Page - Renesas Technology Corp H8/3021 Datasheet HTML 542Page - Renesas Technology Corp H8/3021 Datasheet HTML 543Page - Renesas Technology Corp H8/3021 Datasheet HTML 544Page - Renesas Technology Corp H8/3021 Datasheet HTML 545Page - Renesas Technology Corp H8/3021 Datasheet HTML 546Page - Renesas Technology Corp H8/3021 Datasheet HTML 547Page - Renesas Technology Corp H8/3021 Datasheet HTML 548Page - Renesas Technology Corp H8/3021 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 521 of 684
REJ09B0352-0200
17.5
Hardware Standby Mode
17.5.1
Transition to Hardware Standby Mode
Regardless of its current state, the chip enters hardware standby mode whenever the
STBY pin
goes low. Hardware standby mode reduces power consumption drastically by halting all functions
of the CPU and on-chip supporting modules. All modules are reset except the on-chip RAM. As
long as the specified voltage is supplied, on-chip RAM data is retained. I/O ports are placed in the
high-impedance state.
Clear the RAME bit to 0 in SYSCR before
STBY goes low to retain on-chip RAM data.
The inputs at the mode pins (MD
2 to MD0) should not be changed during hardware standby mode.
17.5.2
Exit from Hardware Standby Mode
Hardware standby mode is exited by inputs at the
STBY and RES pins. While RES is low, when
STBY goes high, the clock oscillator starts running. RES should be held low long enough for the
clock oscillator to settle. When
RES goes high, reset exception handling begins, followed by a
transition to the program execution state.
17.5.3
Timing for Hardware Standby Mode
Figure 17.2 shows the timing relationships for hardware standby mode. To enter hardware standby
mode, first drive
RES low, then drive STBY low. To exit hardware standby mode, first drive
STBY high, wait for the clock to settle, then bring RES from low to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com