Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 537Page - Renesas Technology Corp H8/3021 Datasheet HTML 538Page - Renesas Technology Corp H8/3021 Datasheet HTML 539Page - Renesas Technology Corp H8/3021 Datasheet HTML 540Page - Renesas Technology Corp H8/3021 Datasheet HTML 541Page - Renesas Technology Corp H8/3021 Datasheet HTML 542Page - Renesas Technology Corp H8/3021 Datasheet HTML 543Page - Renesas Technology Corp H8/3021 Datasheet HTML 544Page - Renesas Technology Corp H8/3021 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 517 of 684
REJ09B0352-0200
17.3
Sleep Mode
17.3.1
Transition to Sleep Mode
When the SSBY bit is cleared to 0 in the system control register (SYSCR), execution of the
SLEEP instruction causes a transition from the program execution state to sleep mode.
Immediately after executing the SLEEP instruction the CPU halts, but the contents of its internal
registers are retained. The on-chip supporting modules do not halt in sleep mode. On-chip
supporting modules which have been placed in standby by the module standby function, however,
remain halted.
17.3.2
Exit from Sleep Mode
Sleep mode is exited by an interrupt, or by input at the
RES or STBY pin.
Exit by Interrupt: An interrupt terminates sleep mode and causes a transition to the interrupt
exception handling state. Sleep mode is not exited by an interrupt source in an on-chip supporting
module if the interrupt is disabled in the on-chip supporting module. Sleep mode is not exited by
an interrupt other then NMI if the interrupt is masked by interrupt priority settings (IPR) and the
settings of the I and UI bits in CCR.
Exit by
RES Input: Low input at the RES pin exits from sleep mode to the reset state.
Exit by
STBY Input: Low input at the STBY pin exits from sleep mode to hardware standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com