Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 534Page - Renesas Technology Corp H8/3021 Datasheet HTML 535Page - Renesas Technology Corp H8/3021 Datasheet HTML 536Page - Renesas Technology Corp H8/3021 Datasheet HTML 537Page - Renesas Technology Corp H8/3021 Datasheet HTML 538Page - Renesas Technology Corp H8/3021 Datasheet HTML 539Page - Renesas Technology Corp H8/3021 Datasheet HTML 540Page - Renesas Technology Corp H8/3021 Datasheet HTML 541Page - Renesas Technology Corp H8/3021 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 712 page
background image
17. Power-Down State
Rev.2.00 Mar. 22, 2007 Page 514 of 684
REJ09B0352-0200
Bit 7—Software Standby (SSBY): Enables transition to software standby mode. When software
standby mode is exited by an external interrupt, this bit remains set to 1 after the return to normal
operation. To clear this bit, write 0.
Bit 7
SSBY
Description
0
SLEEP instruction causes transition to sleep mode
(Initial value)
1
SLEEP instruction causes transition to software standby mode
Note:
Clear the SWE bit before executing the SLEEP instruction.
Bits 6 to 4—Standby Timer Select (STS2 to STS0): These bits select the length of time the CPU
and on-chip supporting modules wait for the clock to settle when software standby mode is exited
by an external interrupt. If the clock is generated by a crystal resonator, set these bits according to
the clock frequency so that the waiting time (for the clock to stabilize) will be at least 7 ms. See
table 17.3. If an external clock is used, any setting is permitted.
Bit 6
STS2
Bit 5
STS1
Bit 4
STS0
Description
0
0
0
Waiting time = 8192 states
(Initial value)
1
Waiting time = 16384 states
1
0
Waiting time = 32768 states
1
Waiting time = 65536 states
1
0
0
Waiting time = 131072 states
0
1
Waiting time = 1024 states
1
—
Illegal setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com