Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 560 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 560 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 556Page - Renesas Technology Corp H8/3021 Datasheet HTML 557Page - Renesas Technology Corp H8/3021 Datasheet HTML 558Page - Renesas Technology Corp H8/3021 Datasheet HTML 559Page - Renesas Technology Corp H8/3021 Datasheet HTML 560Page - Renesas Technology Corp H8/3021 Datasheet HTML 561Page - Renesas Technology Corp H8/3021 Datasheet HTML 562Page - Renesas Technology Corp H8/3021 Datasheet HTML 563Page - Renesas Technology Corp H8/3021 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 536 of 684
REJ09B0352-0200
18.2
Electrical characteristics of Flash Memory Version
18.2.1
Absolute Maximum Ratings
Table 18.8 lists the absolute maximum ratings.
Table 18.8
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage
V
CC
–0.3 to + 4.3
V
Input voltage (except port 7)
V
in
–0.3 to V
CC +0.3
V
Input voltage (port 7)
V
in
–0.3 to AV
CC +0.3
V
Analog power supply voltage
AV
CC
–0.3 to + 7.0
V
Analog input voltage
V
AN
–0.3 to AV
CC +0.3
V
Operating temperature
T
opr
–20 to +75*
°C
Storage temperature
T
stg
–55 to +125
°C
Caution:
Permanent damage to the chip may result if absolute maximum ratings are exceeded.
Note:
* The operating temperature range when programming/erasing flash memory is Ta = 0 to
+75°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com