Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 559Page - Renesas Technology Corp H8/3021 Datasheet HTML 560Page - Renesas Technology Corp H8/3021 Datasheet HTML 561Page - Renesas Technology Corp H8/3021 Datasheet HTML 562Page - Renesas Technology Corp H8/3021 Datasheet HTML 563Page - Renesas Technology Corp H8/3021 Datasheet HTML 564Page - Renesas Technology Corp H8/3021 Datasheet HTML 565Page - Renesas Technology Corp H8/3021 Datasheet HTML 566Page - Renesas Technology Corp H8/3021 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 539 of 684
REJ09B0352-0200
Table 18.10 Permissible Output Currents
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.6 V to 5.5 V, VSS = AVSS = 0 V,
T
a = –20°C to +75°C
Item
Symbol
Min
Typ
Max
Unit
Permissible output
low
Ports 1, 2, 5 and B
I
OL
—
—
10
mA
current (per pin)
Other output pins
—
—
2.0
mA
Permissible output
low current (total)
Total of 27 pins
including
ports 1, 2, 5 and B
ΣI
OL
—
—
80
mA
Total of 23 pins,
including
ports 8, 9, A and B
—
—
65
mA
Total of all output
pins, including the
above
—
—
120
mA
Permissible output
high current (per pin)
All output pins
I
OH
—
—
2.0
mA
Permissible output
high current (total)
Total of all output
pins
ΣI
OH
—
—
40
mA
Note:
To protect chip reliability, do not exceed the output current values in table 18.10.
When driving a Darlington pair or LED, always insert a current-limiting resistor in the output
line, as shown in figures 18.4 and 18.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com