Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 562Page - Renesas Technology Corp H8/3021 Datasheet HTML 563Page - Renesas Technology Corp H8/3021 Datasheet HTML 564Page - Renesas Technology Corp H8/3021 Datasheet HTML 565Page - Renesas Technology Corp H8/3021 Datasheet HTML 566Page - Renesas Technology Corp H8/3021 Datasheet HTML 567Page - Renesas Technology Corp H8/3021 Datasheet HTML 568Page - Renesas Technology Corp H8/3021 Datasheet HTML 569Page - Renesas Technology Corp H8/3021 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 542 of 684
REJ09B0352-0200
Item
Symbol
Min
Max
Unit
Test Conditions
Write data delay time
t
WDD
—
55
ns
Write data setup time 1
t
WDS1
10
—
Figure 18.7,
Figure 18.8
Write data setup time 2
t
WDS2
–10
—
Write data hold time
t
WDH
20
—
Read data access time 1
t
ACC1*
—
50
Read data access time 2
t
ACC2*
—
105
Read data access time 3
t
ACC3*
—
20
Read data access time 4
t
ACC4*
—
80
Precharge time
t
PCH*
40
—
Wait setup time
t
WTS
25
—
ns
Figure 18.9
Wait hold time
t
WTH
5
—
Note: * The following times depend on the clock cycle time as shown below.
t
ACC1 = 1.5 × tcyc – 34 (ns)
t
WSW1 = 1.0 × tcyc – 24 (ns)
t
ACC2 = 2.5 × tcyc – 34 (ns)
t
WSW2 = 1.5 × tcyc – 22 (ns)
t
ACC3 = 1.0 × tcyc – 36 (ns)
t
PCH = 1.0 × tcyc – 21 (ns)
t
ACC4 = 2.0 × tcyc – 31 (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com