Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 564Page - Renesas Technology Corp H8/3021 Datasheet HTML 565Page - Renesas Technology Corp H8/3021 Datasheet HTML 566Page - Renesas Technology Corp H8/3021 Datasheet HTML 567Page - Renesas Technology Corp H8/3021 Datasheet HTML 568Page - Renesas Technology Corp H8/3021 Datasheet HTML 569Page - Renesas Technology Corp H8/3021 Datasheet HTML 570Page - Renesas Technology Corp H8/3021 Datasheet HTML 571Page - Renesas Technology Corp H8/3021 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 544 of 684
REJ09B0352-0200
Table 18.13 Timing of On-Chip Supporting Modules
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.6 V to 5.5 V, VSS = AVSS = 0 V, φ = 2 to 18 MHz,
T
a = –20°C to +75°C
Module
Item
Symbol
Min
Max
Unit
Test
Conditions
ITU
Timer output delay time
t
TOCD
—
100
ns
Figure 18.15
Timer input setup time
t
TICS
50
—
Timer clock input setup time
t
TCKS
50
—
Figure 18.16
Timer clock
Single edge
t
TCKWH
1.5
—
t
cyc
pulse width
Both edges
t
TCKWL
2.5
—
SCI
Input clock
Asynchronous
t
Scyc
4
—
Figure 18.17
cycle
Synchronous
6
—
Input clock rise time
t
SCKr
—
1.5
Input clock fall time
t
SCKf
—
1.5
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Transmit data delay time
t
TXD
—
100
ns
Figure 18.18
Receive data setup time
(synchronous)
t
RXS
100
—
Receive data hold time
(synchronous clock input)
t
RXH
100
—
Receive data hold time
(synchronous clock output)
0
—
Output data delay time
t
PWD
—
100
ns
Figure 18.14
Ports and
TPC
Input data setup time
t
PRS
50
—
Input data hold time
t
PRH
50
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com