Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 568Page - Renesas Technology Corp H8/3021 Datasheet HTML 569Page - Renesas Technology Corp H8/3021 Datasheet HTML 570Page - Renesas Technology Corp H8/3021 Datasheet HTML 571Page - Renesas Technology Corp H8/3021 Datasheet HTML 572Page - Renesas Technology Corp H8/3021 Datasheet HTML 573Page - Renesas Technology Corp H8/3021 Datasheet HTML 574Page - Renesas Technology Corp H8/3021 Datasheet HTML 575Page - Renesas Technology Corp H8/3021 Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 548 of 684
REJ09B0352-0200
Item
Symbol
Min
Typ
Max
Unit
Comments
Erase
Wait time after SWE bit setting*
1
t
sswe
1
1
—
μs
Wait time after ESU bit setting*
1
t
sesu
100
100
—
μs
Wait time after E bit setting*
1,*5
t
se
10
10
100
ms
Erase wait
time
Wait time after E bit clear*
1
t
ce
10
10
—
μs
Wait time after ESU bit clear*
1
t
cesu
10
10
—
μs
Wait time after EV bit setting*
1
t
sev
20
20
—
μs
Wait time after H'FF dummy write*
1
t
sevr
2
2
—
μs
Wait time after EV bit clear*
1
t
cev
4
4
—
μs
Wait time after SWE bit clear*
1
t
cswe
100
100
—
μs
Maximum erase count*
1,*5
N
12
—
120
Times
Notes: 1. Set the times according to the program/erase algorithms.
2. Programming time per 128 bytes (Shows the total time the P bit in the flash memory
control register (FLMCR) is set. It does not include the programming verification time.)
3. Block erase time (Shows the period the E bit in FLMCR is set. It does not include the
erase verification time.)
4. To specify the maximum programming time (t
P(max)) in the 128-byte programming
flowchart, set the max value (1000) for the maximum programming count (N).
The wait time after P bit setting (t
sp) should be changed as follows according to the
programming counter value.
Programming counter value of 1 to 6:
t
sp30 = 30 μs
Programming counter value of 7 to 1000: t
sp200 = 200 μs
In case of an additional programming counter value (n) of 1 to 6, t
SP10 = 10 μs
5. For the maximum erase time (t
E(max)), the following relationship applies between the
wait time after E bit setting (t
se) and the maximum erase count (N):
t
E(max) = Wait time after E bit setting (tse) × maximum erase count (N)
To set the maximum erase time, the values of t
SE and N should be set so as to satisfy
the above formula.
Examples: When t
se = 100 [ms], N = 12
When t
se = 10 [ms], N = 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com