Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 567Page - Renesas Technology Corp H8/3021 Datasheet HTML 568Page - Renesas Technology Corp H8/3021 Datasheet HTML 569Page - Renesas Technology Corp H8/3021 Datasheet HTML 570Page - Renesas Technology Corp H8/3021 Datasheet HTML 571Page - Renesas Technology Corp H8/3021 Datasheet HTML 572Page - Renesas Technology Corp H8/3021 Datasheet HTML 573Page - Renesas Technology Corp H8/3021 Datasheet HTML 574Page - Renesas Technology Corp H8/3021 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 712 page
background image
18. Electrical Characteristics
Rev.2.00 Mar. 22, 2007 Page 547 of 684
REJ09B0352-0200
18.2.5
Flash Memory Characteristics
Table 18.15 shows the flash memory characteristics.
Table 18.15 Flash Memory Characteristics
Conditions:
V
CC=3.0 V to 3.6 V, AVCC=3.6 V to 5.5 V, VSS=AVSS=0V
T
a = 0°C to +75°C (program/erase operating temperature range)
Item
Symbol
Min
Typ
Max
Unit
Comments
Programming time*
1,*2,*4
t
P
—
10
200
ms/
128
bytes
Erase time*
1,*3,*5
t
E
—
100
1200
ms/
block
Reprogramming count
N
WEC
—
—
100
Times
Programming
Wait time after SWE bit setting*
1
t
sswe
1
1
—
μs
Wait time after PSU bit setting*
1
t
spsu
50
50
—
μs
Wait time after P bit setting (initial)
t
sp30
28
30
32
μs
Wait time after P bit setting (initial)
t
sp200
198
200
202
μs
Wait time after P bit setting
(additional programming)
t
sp10
8
10
12
μs
Wait time after P bit clear*
1
t
cp
5
5
—
μs
Wait time after PSU bit clear*
1
t
cpsu
5
5
—
μs
Wait time after PV bit setting*
1
t
spv
4
4
—
μs
Wait time after H'FF dummy write*
1
t
spvr
2
2
—
μs
Wait time after PV bit clear*
1
t
cpv
2
2
—
μs
Wait time after SWE bit clear*
1
t
hvcswe
100
100
—
μs
Maximum programming count*
1,*4
N
—
—
1000
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com