Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 649 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 649 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 645Page - Renesas Technology Corp H8/3021 Datasheet HTML 646Page - Renesas Technology Corp H8/3021 Datasheet HTML 647Page - Renesas Technology Corp H8/3021 Datasheet HTML 648Page - Renesas Technology Corp H8/3021 Datasheet HTML 649Page - Renesas Technology Corp H8/3021 Datasheet HTML 650Page - Renesas Technology Corp H8/3021 Datasheet HTML 651Page - Renesas Technology Corp H8/3021 Datasheet HTML 652Page - Renesas Technology Corp H8/3021 Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 625 of 684
REJ09B0352-0200
NDRB—Next Data Register B
H'A4/H'A6
TPC
• Same output trigger for TPC output groups 2 and 3
Address H'FFA4
Bit
Initial value
Read/Write
7
NDR15
0
R/W
6
NDR14
0
R/W
5
NDR13
0
R/W
4
NDR12
0
R/W
3
NDR11
0
R/W
0
NDR8
0
R/W
2
NDR10
0
R/W
1
NDR9
0
R/W
Next output data for
TPC output group 3*
Next output data for
TPC output group 2
Address H'FFA6
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
• Different output triggers for TPC output groups 2 and 3
Address H'FFA4
Bit
Initial value
Read/Write
7
NDR15
0
R/W
6
NDR14
0
R/W
5
NDR13
0
R/W
4
NDR12
0
R/W
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
Next output data for
TPC output group 3*
Address H'FFA6
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
NDR11
0
R/W
0
NDR8
0
R/W
2
NDR10
0
R/W
1
NDR9
0
R/W
Next output data for
TPC output group 2
Note:
* Since this LSI does not have a TP
14 pin, the TP14 signal cannot be output off-chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com