Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 651 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 651 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 647Page - Renesas Technology Corp H8/3021 Datasheet HTML 648Page - Renesas Technology Corp H8/3021 Datasheet HTML 649Page - Renesas Technology Corp H8/3021 Datasheet HTML 650Page - Renesas Technology Corp H8/3021 Datasheet HTML 651Page - Renesas Technology Corp H8/3021 Datasheet HTML 652Page - Renesas Technology Corp H8/3021 Datasheet HTML 653Page - Renesas Technology Corp H8/3021 Datasheet HTML 654Page - Renesas Technology Corp H8/3021 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 627 of 684
REJ09B0352-0200
TCSR—Timer Control/Status Register
H'A8
WDT
Bit
Initial value
Read/Write
7
OVF
0
R/(W)
6
WT/
0
R/W
5
TME
0
R/W
4
—
1
—
3
—
1
—
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Overflow flag
Timer mode select
IT
0
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
1
[Setting condition]
TCNT changes from H'FF to H'00
0
Interval timer: requests interval timer interrupts
1
Watchdog timer: generates a reset signal
Clock select 2 to 0
0
1
φ/2
φ/32
φ/64
φ/128
φ/256
φ/512
φ/2048
0
1
0
1
0
1
0
1
0
1
0
φ/4096
1
Timer enable
0
1
TCNT is initialized to H'00 and halted
TCNT is counting
Note: * Only 0 can be written to clear the flag.
*
CKS2 CKS1 CKS0 Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com