Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 655 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 655 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 651Page - Renesas Technology Corp H8/3021 Datasheet HTML 652Page - Renesas Technology Corp H8/3021 Datasheet HTML 653Page - Renesas Technology Corp H8/3021 Datasheet HTML 654Page - Renesas Technology Corp H8/3021 Datasheet HTML 655Page - Renesas Technology Corp H8/3021 Datasheet HTML 656Page - Renesas Technology Corp H8/3021 Datasheet HTML 657Page - Renesas Technology Corp H8/3021 Datasheet HTML 658Page - Renesas Technology Corp H8/3021 Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 631 of 684
REJ09B0352-0200
SCR—Serial Control Register
H'B2
SCI0
Bit
Initial value
Read/Write
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Transmit interrupt enable
0
Transmit-data-empty interrupt request (TXI) is disabled
1
Transmit-data-empty interrupt request (TXI) is enabled
Receive interrupt enable
0
Receive-data-full (RXI) and receive-error (ERI) interrupt requests are disabled
1
Receive-data-full (RXI) and receive-error (ERI) interrupt requests are enabled
Transmit enable
Clock enable 1 and 0
CKE1
Multiprocessor interrupt enable
0
1
Clock Selection and Output
Asynchronous mode
Synchronous mode
Asynchronous mode
Synchronous mode
Asynchronous mode
Synchronous mode
Asynchronous mode
Bit 1
CKE2
0
1
0
1
Bit 2
Receive enable
Synchronous mode
0
Multiprocessor interrupts are disabled (normal receive operation)
1
Multiprocessor interrupts are enabled
0
Receiving is disabled
1
Receiving is enabled
Transmit-end interrupt enable
0
Transmitting is disabled
1
Transmitting is enabled
0
Transmit-end interrupt requests (TEI) are disabled
1
Transmit-end interrupt requests (TEI) are enabled
Internal clock, SCK pin available for generic input/output
Internal clock, SCK pin used for serial clock output
Internal clock, SCK pin used for clock output
Internal clock, SCK pin used for serial clock output
External clock, SCK pin used for clock input
External clock, SCK pin used for serial clock input
External clock, SCK pin used for clock input
External clock, SCK pin used for serial clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com