Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 653Page - Renesas Technology Corp H8/3021 Datasheet HTML 654Page - Renesas Technology Corp H8/3021 Datasheet HTML 655Page - Renesas Technology Corp H8/3021 Datasheet HTML 656Page - Renesas Technology Corp H8/3021 Datasheet HTML 657Page - Renesas Technology Corp H8/3021 Datasheet HTML 658Page - Renesas Technology Corp H8/3021 Datasheet HTML 659Page - Renesas Technology Corp H8/3021 Datasheet HTML 660Page - Renesas Technology Corp H8/3021 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 633 of 684
REJ09B0352-0200
SSR—Serial Status Register
H'B4
SCI0
Bit
Initial value
Read/Write
7
TDRE
1
R/(W)
6
RDRF
0
R/(W)
5
ORER
0
R/(W)
4
FER
0
R/(W)
3
PER
0
R/(W)
0
MPBT
0
R/W
2
TEND
1
R
1
MPB
0
R
Transmit end
0
[Clearing conditions]
1
[Setting conditions]
Reset or transition to standby mode.
TE is cleared to 0 in SCR.
TDRE is 1 when last bit of serial character is transmitted.
**
*
*
*
Multiprocessor bit transfer
Read TDRE when TDRE = 1, then write 0 in TDRE.
Multiprocessor bit
Parity error
0
[Clearing conditions]
1
[Setting condition]
Parity error: (parity of receive data does not
match parity setting of O/
in SMR)
Reset or transition to standby mode.
Read PER when PER = 1, then write 0 in
PER.
E
Framing error
0
[Clearing conditions]
1
[Setting condition]
Framing error (stop bit is 0)
Reset or transition to standby mode.
Read FER when FER = 1, then write 0
in FER.
Overrun error
0
[Clearing conditions]
1
[Setting condition]
Overrun error (reception of next serial data
ends when RDRF = 1)
Reset or transition to standby mode.
Read ORER when ORER = 1, then write 0 in
ORER.
Receive data register full
0
[Clearing conditions]
1
[Setting condition]
Serial data is received normally and transferred
from RSR to RDR
Reset or transition to standby mode.
Read RDRF when RDRF = 1, then write 0 in
RDRF.
Transmit data register empty
0
[Clearing conditions]
1
[Setting conditions]
Reset or transition to standby mode.
TE is 0 in SCR
Data is transferred from TDR to TSR, enabling new
data to be written in TDR.
Read TDRE when TDRE = 1, then write 0 in TDRE.
0
Multiprocessor bit value in
receive data is 0
1
Multiprocessor bit value in
receive data is 1
0
Multiprocessor bit value in
transmit data is 0
1
Multiprocessor bit value in
transmit data is 1
Note: * Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com