Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 658 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 658 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 654Page - Renesas Technology Corp H8/3021 Datasheet HTML 655Page - Renesas Technology Corp H8/3021 Datasheet HTML 656Page - Renesas Technology Corp H8/3021 Datasheet HTML 657Page - Renesas Technology Corp H8/3021 Datasheet HTML 658Page - Renesas Technology Corp H8/3021 Datasheet HTML 659Page - Renesas Technology Corp H8/3021 Datasheet HTML 660Page - Renesas Technology Corp H8/3021 Datasheet HTML 661Page - Renesas Technology Corp H8/3021 Datasheet HTML 662Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 658 / 712 page
background image
Appendix B. Internal I/O Register Field
Rev.2.00 Mar. 22, 2007 Page 634 of 684
REJ09B0352-0200
RDR—Receive Data Register
H'B5
SCI0
Bit
Initial value
Read/Write
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
0
R
2
0
R
1
0
R
Serial receive data
SCMR—Smart Card Mode Register
H'B6
SCI0
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
SDIR
0
R/W
0
SMIF
0
R/W
2
SINV
0
R/W
1
—
1
—
Smart card interface mode select
0
Smart card interface function is disabled
(Initial value)
1
Smart card interface function is enabled
Smart card data invert
0
Unmodified TDR contents are transmitted
(Initial value)
Received data is stored unmodified in RDR
1
Inverted 1/0 logic levels of TDR contents are transmitted
1/0 logic levels of received data are inverted before storage in RDR
Smart card data transfer direction
0
TDR contents are transmitted LSB-first
(Initial value)
Received data is stored LSB-first in RDR
1
TDR contents are transmitted MSB-first
Received data is stored MSB-first in RDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com