Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 101Page - Renesas Technology Corp H8/3021 Datasheet HTML 102Page - Renesas Technology Corp H8/3021 Datasheet HTML 103Page - Renesas Technology Corp H8/3021 Datasheet HTML 104Page - Renesas Technology Corp H8/3021 Datasheet HTML 105Page - Renesas Technology Corp H8/3021 Datasheet HTML 106Page - Renesas Technology Corp H8/3021 Datasheet HTML 107Page - Renesas Technology Corp H8/3021 Datasheet HTML 108Page - Renesas Technology Corp H8/3021 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 81 of 684
REJ09B0352-0200
5.1.3
Pin Configuration
Table 5.1 lists the interrupt pins.
Table 5.1
Interrupt Pins
Name
Abbreviation
I/O
Function
Nonmaskable interrupt
NMI
Input
Nonmaskable interrupt, rising edge or
falling edge selectable
External interrupt
request 5, 4, 1, and 0
IRQ
5,
IRQ
4 , and
IRQ
1 , IRQ0
Input
Maskable interrupts, falling edge or level
sensing selectable
5.1.4
Register Configuration
Table 5.2 lists the registers of the interrupt controller.
Table 5.2
Interrupt Controller Registers
Address*
1
Name
Abbreviation
R/W
Initial Value
H'FFF2
System control register
SYSCR
R/W
H'0B
H'FFF4
IRQ sense control register
ISCR
R/W
H'00
H'FFF5
IRQ enable register
IER
R/W
H'00
H'FFF6
IRQ status register
ISR
R/(W)*
2
H'00
H'FFF8
Interrupt priority register A
IPRA
R/W
H'00
H'FFF9
Interrupt priority register B
IPRB
R/W
H'00
Notes: 1. Lower 16 bits of the address.
2. Only 0 can be written, to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com