Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 102Page - Renesas Technology Corp H8/3021 Datasheet HTML 103Page - Renesas Technology Corp H8/3021 Datasheet HTML 104Page - Renesas Technology Corp H8/3021 Datasheet HTML 105Page - Renesas Technology Corp H8/3021 Datasheet HTML 106Page - Renesas Technology Corp H8/3021 Datasheet HTML 107Page - Renesas Technology Corp H8/3021 Datasheet HTML 108Page - Renesas Technology Corp H8/3021 Datasheet HTML 109Page - Renesas Technology Corp H8/3021 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 82 of 684
REJ09B0352-0200
5.2
Register Descriptions
5.2.1
System Control Register (SYSCR)
SYSCR is an 8-bit readable/writable register that controls software standby mode, selects the
action of the UI bit in CCR, selects the NMI edge, and enables or disables the on-chip RAM.
Only bits 3 and 2 are described here. For the other bits, see section 3.3, System Control Register
(SYSCR).
SYSCR is initialized to H'0B by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
UE
1
R/W
0
RAME
1
R/W
2
NMIEG
0
R/W
1
—
1
—
Software standby
Standby timer
select 2 to 0
User bit enable
Selects whether to use the UI bit in CCR
as a user bit or interrupt mask bit
NMI edge select
Selects the NMI input edge
Reserved bit
RAM enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com