Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 116Page - Renesas Technology Corp H8/3021 Datasheet HTML 117Page - Renesas Technology Corp H8/3021 Datasheet HTML 118Page - Renesas Technology Corp H8/3021 Datasheet HTML 119Page - Renesas Technology Corp H8/3021 Datasheet HTML 120Page - Renesas Technology Corp H8/3021 Datasheet HTML 121Page - Renesas Technology Corp H8/3021 Datasheet HTML 122Page - Renesas Technology Corp H8/3021 Datasheet HTML 123Page - Renesas Technology Corp H8/3021 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 96 of 684
REJ09B0352-0200
5.4
Interrupt Operation
5.4.1
Interrupt Handling Process
The H8/3022 Group handles interrupts differently depending on the setting of the UE bit. When
UE = 1, interrupts are controlled by the I bit. When UE = 0, interrupts are controlled by the I and
UI bits. Table 5.4 indicates how interrupts are handled for all setting combinations of the UE, I,
and UI bits.
NMI interrupts are always accepted except in the reset and hardware standby states. IRQ interrupts
and interrupts from the on-chip supporting modules have their own enable bits. Interrupt requests
are ignored when the enable bits are cleared to 0.
Table 5.4
UE, I, and UI Bit Settings and Interrupt Handling
SYSCR
CCR
UE
I
UI
Description
1
0
—
All interrupts are accepted. Interrupts with priority level 1 have
higher priority.
1
—
No interrupts are accepted except NMI.
0
0
—
All interrupts are accepted. Interrupts with priority level 1 have
higher priority.
1
0
NMI and interrupts with priority level 1 are accepted.
1
No interrupts are accepted except NMI.
UE = 1: Interrupts IRQ
0, IRQ1, IRQ4, and IRQ5 and interrupts from the on-chip supporting
modules can all be masked by the I bit in the CPU’s CCR. Interrupts are masked when the I bit is
set to 1, and unmasked when the I bit is cleared to 0. Interrupts with priority level 1 have higher
priority. Figure 5.4 is a flowchart showing how interrupts are accepted when UE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com