Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 112Page - Renesas Technology Corp H8/3021 Datasheet HTML 113Page - Renesas Technology Corp H8/3021 Datasheet HTML 114Page - Renesas Technology Corp H8/3021 Datasheet HTML 115Page - Renesas Technology Corp H8/3021 Datasheet HTML 116Page - Renesas Technology Corp H8/3021 Datasheet HTML 117Page - Renesas Technology Corp H8/3021 Datasheet HTML 118Page - Renesas Technology Corp H8/3021 Datasheet HTML 119Page - Renesas Technology Corp H8/3021 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 92 of 684
REJ09B0352-0200
5.3
Interrupt Sources
The interrupt sources include external interrupts (NMI, IRQ
5, IRQ4, IRQ1 and IRQ0) and 25
internal interrupts.
5.3.1
External Interrupts
There are five external interrupts: NMI, and IRQ
5, IRQ4, IRQ1, and IRQ0. Of these, NMI, IRQ0,
IRQ
1, can be used to exit software standby mode.
NMI: NMI is the highest-priority interrupt and is always accepted, regardless of the states of the
I and UI bits in CCR. The NMIEG bit in SYSCR selects whether an interrupt is requested by the
rising or falling edge of the input at the NMI pin. NMI interrupt exception handling has vector
number 7.
IRQ
5, IRQ4, IRQ1, IRQ0 Interrupts: These interrupts are requested by input signals at pins IRQ5,
IRQ
4, IRQ1, IRQ0. The IRQ5, IRQ4, IRQ1, IRQ0 interrupts have the following features.
• ISCR settings can select whether an interrupt is requested by the low level of the input at pins
IRQ
5, IRQ4, IRQ1, IRQ0, or by the falling edge.
• IER settings can enable or disable the IRQ
5, IRQ4, IRQ1, IRQ0 interrupts.
Interrupt priority levels can be assigned by three bits in IPRA (IPRA7, IPRA6, and IPRA4).
• The status of IRQ
5, IRQ4, IRQ1, IRQ0 interrupt requests is indicated in ISR. The ISR flags can
be cleared to 0 by software.
Figure 5.2 shows a block diagram of interrupts IRQ
5, IRQ4, IRQ1, IRQ0.
input
Edge/level
sense circuit
IRQnSC
IRQnF
S
R
Q
IRQnE
IRQn interrupt
request
Clear signal
IRQn
Note: n = 5, 4, 1 and 0
Figure 5.2 Block Diagram of Interrupts IRQ
5, IRQ4, IRQ1, and IRQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com