Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 110Page - Renesas Technology Corp H8/3021 Datasheet HTML 111Page - Renesas Technology Corp H8/3021 Datasheet HTML 112Page - Renesas Technology Corp H8/3021 Datasheet HTML 113Page - Renesas Technology Corp H8/3021 Datasheet HTML 114Page - Renesas Technology Corp H8/3021 Datasheet HTML 115Page - Renesas Technology Corp H8/3021 Datasheet HTML 116Page - Renesas Technology Corp H8/3021 Datasheet HTML 117Page - Renesas Technology Corp H8/3021 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 90 of 684
REJ09B0352-0200
5.2.4
IRQ Enable Register (IER)
IER is an 8-bit readable/writable register that enables or disables IRQ
0, IRQ1, IRQ4, and IRQ5
interrupt requests.
Bit
Initial value
Read/Write
7
—
0
R/W
These bits enable or disable
IRQ5 and IRQ4 interrupts
6
—
0
R/W
5
IRQ5E
0
R/W
4
IRQ4E
0
R/W
3
—
0
R/W
2
—
0
R/W
1
IRQ1E
0
R/W
0
IRQ0E
0
R/W
IRQ to IRQ enable
5
4
These bits enable or disable
IRQ1 and IRQ0 interrupts
IRQ to IRQ enable
1
0
Reserved bits
Reserved bits
IER is initialized to H'00 by a reset and in hardware standby mode.
Bits 7, 6, 3, and 2—Reserved: These bits can be written and read, but they do not enable or
disable interrupts.
Bits 5, 4, 1, and 0—IRQ
5, IRQ4, IRQ1, and IRQ0 Enable (IRQ5E, IRQ4E, IRQ1E, IRQ0E):
These bits enable or disable IRQ
5, IRQ4, IRQ1, IRQ0 interrupts.
Bits 5, 4, 1, and 0
IRQ5E, IRQ4E, IRQ1E,
and IRQ0E
Description
0
IRQ
5, IRQ4, IRQ1, IRQ0 interrupts are disabled
(Initial value)
1
IRQ
5, IRQ4, IRQ1, IRQ0 interrupts are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com