Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 111Page - Renesas Technology Corp H8/3021 Datasheet HTML 112Page - Renesas Technology Corp H8/3021 Datasheet HTML 113Page - Renesas Technology Corp H8/3021 Datasheet HTML 114Page - Renesas Technology Corp H8/3021 Datasheet HTML 115Page - Renesas Technology Corp H8/3021 Datasheet HTML 116Page - Renesas Technology Corp H8/3021 Datasheet HTML 117Page - Renesas Technology Corp H8/3021 Datasheet HTML 118Page - Renesas Technology Corp H8/3021 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 91 of 684
REJ09B0352-0200
5.2.5
IRQ Sense Control Register (ISCR)
ISCR is an 8-bit readable/writable register that selects level sensing or falling-edge sensing of the
inputs at pins
IRQ
5, IRQ4, IRQ1, and IRQ0
Bit
Initial value
Read/Write
7
—
0
R/W
These bits select level sensing or falling-edge
sensing for IRQ5 and IRQ4 interrupts
6
—
0
R/W
5
IRQ5SC
0
R/W
4
IRQ4SC
0
R/W
3
—
0
R/W
2
—
0
R/W
1
IRQ1SC
0
R/W
0
IRQ0SC
0
R/W
IRQ and IRQ sense control
5
4
These bits select level sensing or falling-edge
sensing for IRQ1 and IRQ0 interrupts
IRQ and IRQ sense control
1
0
Reserved bits
Reserved bits
ISCR is initialized to H'00 by a reset and in hardware standby mode.
Bits 7, 6, 3, and 2—Reserved: These bits are readable/writable and do not affect selection of
level sensing or falling-edge sensing.
Bits 5, 4, 1, and 0—IRQ
5, IRQ4, IRQ1,,and IRQ0 Sense Control (IRQ5SC, IRQ4SC, IRQ1SC,
IRQ0SC): These bits selects whether interrupts IRQ
5, IRQ4, IRQ1, IRQ0 are requested by level
sensing of pins
IRQ
5, IRQ4, IRQ1, IRQ0 or by falling-edge sensing.
Bits 5, 4, 1, and 0
IRQ5SC, IRQ4SC,
IRQ1SC, IRQ0SC
Description
0
Interrupts are requested when
IRQ
5, IRQ4, IRQ1, IRQ0
inputs are low
(Initial value)
1
Interrupts are requested by falling-edge input at
IRQ
5,
IRQ
4, IRQ1, IRQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com